PART |
Description |
Maker |
PC723V0NSZX PC723V0YSZX |
Twisted Paired Computer Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Foil/Braid; Shielding Coverage:100%; Number of Pairs:1 RoHS Compliant: Yes High Collector-emitter Voltage Type Photocoupler
|
Sharp Corporation Sharp Electrionic Components
|
BYT71F-800 -BYT71F-800 |
Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Foil; Shielding Coverage:100%; Number of Pairs:2 RoHS Compliant: Yes Fast Recovery Rectifier Diodes(快速恢复整流二极管) Very low drop voltage regulators with inhibit
|
ST Microelectronics STMicroelectronics 意法半导
|
SLD343YT-3 SLD343YT SLD343YT-1 SLD343YT-2 SLD343YT |
4W High Power Laser Diode 4瓦高功率激光二极管 Multiconductor Paired Computer Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyolefin; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes 4瓦高功率激光二极管 Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:6; Impedance:100ohm; Leaded Process Compatible:Yes; Voltage Nom.:600V RoHS Compliant: Yes
|
Sony, Corp. SONY[Sony Corporation]
|
1002 1003 1000 1001 |
Pulse Transformers of Pairs:18; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:100ohm RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:20; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:10 RoHS Compliant: Yes
|
CANDD[C&D Technologies]
|
1.5CE27A 1.5CE47CA 1.5CE11A 1.5CE82CA 1.5CE11CA 1. |
Leaded Zener Diode Transient Supressor Shielded Multiconductor Cable; Number of Conductors:24; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:12 RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:32; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:16 RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:10; No. Strands x Strand Size:105 x 30; Jacket Material:Rubber; Temperature Max:60 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Rubber; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes 1.5W TRANSIENT SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201 1.5W TRANSIENT SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201 Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:10; No. Strands x Strand Size:105 x 30; Jacket Material:Rubber; Temperature Max:60 C; Voltage Nom.:600V 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
KS57P2316 |
Bonding Diagram
|
ETC
|
UES1401 UES1402 UES1403 UES1404 BYW80 BYW80-150 BY |
; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Capacitance:56pF/ft RoHS Compliant: Yes ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% Access Control Composite Cable; Composite Conductor Types:10 Conductors 3 Pairs; Number of Conductors:16; Conductor Size AWG:18-16; No. Strands x Strand Size:7 x 26, 19 x 30; Jacket Material:Thermoplastic; Number of Pairs:3 RoHS Compliant: Yes (UES1402 / UES1403 / UES1404) RECTIFIERS
|
MICROSEMI CORP-COLORADO MICROSEMI[Microsemi Corporation]
|
WBSC0504-22NF-50V |
Wire Bonding Silicon Vertical Capacitor
|
Micross Components
|
BYW95A BYW95B BYW95C |
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES Belden Shielded Plenum Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Beldfoil, Jacket: Natural Flamarrest Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
HT10401LHO |
LCD MODULE(1024 × RGB × 768)with AR Coated Glass Optical Bonding LCD MODULE(1024 隆驴 RGB 隆驴 768)with AR Coated Glass Optical Bonding
|
HYES Optoelectronics, Inc.
|
PC713V0NSZX PC713V0YSZX PC713VXYSZX PC713V1NSZX PC |
High Isolation Voltage Type Photocoupler 高隔离电压型光电耦合 12 PR #24 PER SH PVC RoHS Compliant: Yes 高隔离电压型光电耦合 Multiconductor Computer Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes
|
Sharp, Corp. Sharp Corporation SHARP[Sharp Electrionic Components]
|